|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
surface mount zener diode bzt52b2v4s-BZT52B75S features z wide zener voltage range selection:2.4v to 75v. z vz tolerance selection of 2%(b series). z ideally suited for automat ed assembly processes. z moisture sensitivity level 1. applications z zener diode. sod-323 z ultra-small surface mount package. ordering information type no. marking package code bzt52c2v4s-bzt52c39s see table 2 sod-323 maximum rating @ ta=25 unless otherwise specified characteristic symbol value unit forward voltage @ i f =10ma v f 1 v power dissipation p d 200 mw thermal resistance, junction to ambient air r ja 625 /w junction temperature t j 150 storage temperature range t stg -65 to+150 notes: these ratings are limiting values above which the serviceabilit y of the diodes may be impaired. pb lead-free diode semiconductor korea www.diode.kr
surface mount zener diode bzt52b2v4s-BZT52B75S electrical characteristics @ ta=25 unless otherwise specified zener voltage range maximum zener impedance maximum reverse current v z @i zt i zt z zt @i zt i zk z zk @i zk i r @v r type number marking code nom(v) min(v) max(v) ma ? ma ? a v bzt52b2v4s 0z 2.4 2.35 2.45 5 94 1 564 45 1 bzt52b2v7s 1z 2.7 2.65 2.75 5 94 1 564 18 1 bzt52b3v0s 2z 3.0 2.94 3.06 5 89 1 564 9 1 bzt52b3v3s 3z 3.3 3. 23 3.37 5 89 1 564 4.5 1 bzt52b3v6s 4z 3.6 3. 53 3.67 5 84 1 564 4.5 1 bzt52b3v9s 5z 3.9 3. 82 3.98 5 84 1 564 2.7 1 bzt52b4v3s 6z 4.3 4. 21 4.39 5 84 1 564 2.7 1 bzt52b4v7s 7z 4.7 4. 61 4.79 5 75 1 564 2.7 2 bzt52b5v1s 8z 5.1 5. 00 5.20 5 56 1 470 1.8 2 bzt52b5v6s 9z 5.6 5. 49 5.71 5 37 1 451 0.9 2 bzt52b6v2s az 6.2 6. 08 6.32 5 9 1 376 2.7 4 bzt52b6v8s bz 6.8 6. 66 6.94 5 14 1 141 1.8 4 bzt52b7v5s cz 7.5 7. 35 7.65 5 14 1 75 0.9 5 bzt52b8v2s dz 8.2 8. 04 8.36 5 14 1 75 0.63 5 bzt52b9v1s ez 9.1 8. 92 9.28 5 14 1 94 0.45 6 bzt52b10s fz 10 9.80 10.20 5 18 1 141 0.18 7 bzt52b11s gz 11 10.78 11.22 5 18 1 141 0.09 8 bzt52b12s hz 12 11.76 12.24 5 23 1 141 0.09 8 bzt52b13s jz 13 12.74 13.26 5 28 1 160 0.09 8 bzt52b15s kz 15 14.70 15.30 5 28 1 188 0.045 10.5 bzt52b16s lz 16 15.68 16.32 5 37 1 188 0.045 11.2 bzt52b18s mz 18 17.64 18.36 5 42 1 212 0.045 12.6 bzt52b20s nz 20 19.60 20.40 5 51 1 212 0.045 14.0 bzt52b22s pz 22 21.56 22.44 5 51 1 235 0.045 15.4 bzt52b24s rz 24 23.52 24.48 5 65 1 235 0.045 16.8 bzt52b27s sz 27 26.46 27. 54 5 75 0.5 282 0.045 18.9 bzt52b30s tz 30 29.40 30. 60 5 75 0.5 282 0.045 21.0 bzt52b33s uz 33 32.34 33. 66 5 75 0.5 306 0.045 23.0 bzt52b36s vz 36 35.28 36. 72 5 84 0.5 329 0.045 25.2 bzt52b39s wz 39 38.22 39. 78 5 122 0.5 329 0.045 27.3 bzt52b43s xz 43 42.14 43. 86 5 141 0.5 353 0.045 30.1 bzt52b47s yz 47 46.06 47. 94 5 160 0.5 353 0.045 33.0 bzt52b51s -z 51 49.98 52. 02 5 169 0.5 376 0.045 35.7 www.diode.kr diode semiconductor korea surface mount zener diode bzt52b2v4s-BZT52B75S zener voltage range maximum zener impedance maximum reverse current v z @i zt i zt z zt @i zt i zk z zk @i zk i r @v r type number marking code nom(v) min(v) max(v) ma ? ma ? a v bzt52b56s =z 56 54.88 57. 12 5 188 0.5 400 0.045 39.2 bzt52b62s z 62 60.76 63.24 5 202 0.5 423 0.045 43.4 bzt52b68s >z 68 66.64 69. 36 5 226 0.5 447 0.045 47.6 BZT52B75S |
Price & Availability of BZT52B75S |